|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CLV0769E 9939 Via Pasar * San Diego, CA 92126 TEL (619) 621-2700 FAX (619) 621-2722 VOLTAGE CONTROLLED OSCILLATOR Rev A1 PHASE NOISE (1 Hz BW, typical) FEAT URES * Frequency Range: 734 - 804 MHz * Tuning Voltage: 1-4 Vdc * MINI-16 - Style Package APPLICATIONS * VSAT Modems * Basestation * Digital Radios PERFORMANCE SPECIFICATIONS Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW, typ.) Harmonic Suppression (2nd, typ.) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance (max.) Pushing Pulling (14 dB Return Loss, Any Phase) VALUE 734 - 804 -112 -9 1-4 40 2.52.5 50 100 <5 <2 -40 to 85 MINI-16 5 20 APPLICATION NOTES UNIT S MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C Operating Temperature Range Package Style POWER SUPPLY REQUIREMENT S Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.) Vdc mA All s pecific ations are ty pical unles s otherw is e noted and s ubject to change w ithout notice. * AN-100/1 : Mounting and Grounding of VCOs * AN-102 : Proper Output Loading of VCOs * AN-107 : How to Solder Z-COMM VCOs NOTES: (c) Z-Com municati ons, Inc. Page 1 All rights reserved LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR T UNING CURVE, typ. 850 830 810 790 770 750 730 710 690 670 650 0 0. 5 1 1. 5 2 2. 5 3 3. 5 CLV0769E PAGE 2 85 25 -40 c c c 4 POWER CURVE, typ. 8 7 6 5 4 3 2 1 0 6 67 6 89 7 09 7 29 7 48 7 69 7 90 8 09 8 26 25 c PHYSICAL DIMENSIONS M IN I- 1 6 4 1 5- 0 06 1 R EV . B ( DR A W IN G N O T T O S CA L E) (c) Z-Com municati ons, Inc. Page 2 Printed in the U.S.A. |
Price & Availability of CLV0769E |